Part Number Hot Search : 
16C596 MAC223A8 SMCJ48 1460E BPC350 MX105A 1610T M2021
Product Description
Full Text Search
 

To Download RS4-0512R10A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 1 (4) stand juni 2016 rev 01 1) these are stress ratngs. exposure of devices to any of these conditons may adversely afect long-term reliability. 2) (1.5mm from case 10sec max.) 3) all specifcatons typical at ta= 25c, nominal input voltage and full load unless otherwise specifed. 4) the informaton and specifcaton contained in this data sheet are believed to be correct at tme of publicaton. however rsg accepts no responsibility for consequences arising from printng errors or inaccuracies. specifcatons are subject to change without notce. dc/dc-converter rs4/rd4-r10 1.0w regulated single output we energize electronics! an acal group company we energize electronics! ? 7 pin sil/ 14pin dil package ? 1000vdc isolaton ? up to 3000vdc isolaton ? low ripple and noise ? efciency up to 73% ? operatng temperature range: -40 ~ +85c ? non conductve black plastc case ? emi complies with en55022 class b output specification voltage accuracy: 2% line regulaton: 0.5% load regulation: from 0% to 100% load: 0.5% output 3.3v model: 1.0% ripple noise (20mhz bandwidth): 50mv pk-pk temperature coefcient: 0.02% c capacitor load: see table input specifications voltage range: 10% max. input current: see table no-load/full-load input current: see table input filter: capacitors input refected ripple current : 20ma pk-pk general specifications efciency: see table i/o isolaton voltage (60sec): 1000 ~ 3000vdc i/o isolaton capacitance: 60pf typ. i/o isolaton resistance: 1000m ohm switching frequency: variable 50khz humidity: 95% rel h reliability calculated mtbf : > 3.5mhrs (mil-hdbk-217 f) safety standard: (designed to meet): iec 60950-1 environmental specification operatng temperature range: -40c ~+85c (see deratng curve) maximum case temperature: 100c storage temperature : -40c ~+125c cooling : nature convecton physical specifications: case material: non-conductve black plastc (ul94v-0 rated) pin material: ? 0.5mm alloy42 solder-coated potng material: epoxy (ul94v-0 rated) weight case- sip: 2.7g weight case-dip: 2.9g dimmension sip: 0.76 x 0.28 x 0.39 dimmension dip: 0.80 x 0.40 x 0.27 absolute maximum ratings input surge voltage (100ms)/ 3,3v models: 5vdc max 5 v models: 7vdc max 12v models: 15vdc max 24v models: 28vdc max soldering temperature: 260c max (2) emc specifications radiated-/conducted emissions: en55022 class b esd: iec 61000-4-2 perf.criteria a rs: iec 61000-4-3 perf.criteria a eft: iec 61000-4-4 perf.criteria a surge: iec 61000-4-5 perf.criteria a cs: iec 61000-4-6 perf.criteria a pfmf iec 61000-4-8 perf.criteria a rohs
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 2 (4) stand juni 2016 rev 01 r s4 - xx xx x xx power (w) input 03=3.3v t ype a x code inter nal isolation (kvdc) model selection guide model number input input current output output current efficiency @fl(%) capacitor load(uf) voltage range (vdc) no - load (ma) full load (ma) voltage (vdc) full load (ma) rs4 - 05 03r10 ax 5 30 385 3. 3 333 57 220 rs4 - 0505 r10 ax 5 30 307 5 200 65 220 rs4 - 05 07 r10 ax 5 30 307 7. 2 138.9 65 220 rs4 - 0509 r10 ax 5 35 307 9 1111 5 220 rs4 - 0512 r10 ax 5 35 294 12 3 3 220 rs4 - 0515 r10 ax 5 35 294 15 7 220 rs4 - 12 03 r10 ax 12 20 10 3 3 333 57 220 rs4 - 1205 r10 ax 12 20 132 5 200 3 220 rs4 - 12 07 r10 ax 12 20 12 7 2 139 5 220 rs4 - 1209 r10 ax 12 20 12 9 1111 220 rs4 - 1212 r10 ax 12 20 122 12 83. 3 68 220 rs4 - 1215 r10 ax 12 20 126 15 66. 7 66 220 rs4 - 24 03 r10 ax 24 10 7 3 3 333 0 220 rs4 - 2405 r10 ax 24 10 4 5 200 5 220 rs4 - 24 07 r10 ax 24 10 4 7 2 139 5 220 rs4 - 2409 r10 ax 24 10 61 9 111.1 68 220 rs4 - 2412 r10 ax 24 10 61 12 83. 3 68 220 rs4 - 2415 r10 ax 24 10 1 15 7 220 rd4 - 05 03 r10 ax 5 30 350 3 3 333 57 220 rd4 - 0505 r10 ax 5 35 317 5 200 3 220 rd4 - 05 07 r10 ax 5 45 327 7. 2 138.9 61 220 rd4 - 0509 r10 ax 5 40 298 9 111.1 67 220 rd4 - 0512 r10 ax 5 35 29 12 3 3 7 220 rd4 - 0515 r10 ax 5 35 29 15 7 7 220 rd4 - 12 03 r10 ax 12 20 146 3. 3 333 57 220 rd4 - 1205 r10 ax 12 20 132 5 200 63 220 rd4 - 12 07 r10 ax 12 20 132 7 2 139 3 220 rd4 - 1209 r10 ax 12 20 12 9 1111 5 220 rd4 - 1212 r10 ax 12 20 122 12 3 3 220 rd4 - 1215 r10 ax 12 20 12 15 7 220 rd4 - 24 03 r10 ax 24 10 73 3. 3 333 57 220 rd4 - 2405 r10 ax 24 10 7 5 200 0 220 rd4 - 24 07 r10 ax 24 10 76 7. 2 138.9 60 220 rd4 - 2409 r10 ax 24 10 1 9 1111 220 rd4 - 2412 r10 ax 24 10 3 12 3 3 220 rd4 - 2415 r10 ax 24 10 3 15 7 220 s 3 3 dc/dc-converter /d- rete ne tt we energize electronics! an acal group company we energize electronics!
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 3 (4) stand juni 2016 rev 01 +vout +v in dc/dc converter - vin - vout emi filter input filter components (c1, l ) are used to help meet conducted emissions requirement for the module. these components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. l load c1 +vout +v in dc/dc converter - vin - vout emi filter input filter components (c1, l ) are used to help meet conducted emissions requirement for the module. these components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. l load c1 +vout +v in dc/dc converter - vin - vout emi filter input filter components (c1, l ) are used to help meet conducted emissions requirement for the module. these components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. l load c1 dc/dc-converter rs4/rd4-r10 1.0w regulated single output we energize electronics! an acal group company we energize electronics!
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 4 (4) stand juni 2016 rev 01 rs4-xxxxr10a1 rd4-xxxxr10a1 dc/dc-converter rs4/rd4-r10 1.0w regulated single output we energize electronics! an acal group company we energize electronics! rs4-xxxxr10a1 rd4-xxxxr10a1 rs4-xxxxr10a1 rd4-xxxxr10a1 sil 7 dil 14 the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28


▲Up To Search▲   

 
Price & Availability of RS4-0512R10A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X